Part Number Hot Search : 
IRF1010E 40300 BDR2G TMP86F 13N06 FS52N15 2SD772A DRC4143T
Product Description
Full Text Search
 

To Download SL1580002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl15 80002 ordering different lead types: for example: to order an inside kinked lead use part number sl15 80002- a electrical specifications: mechanical specifications: csa file number: #ca118061 revision date: july 8, 2003 inside kinked leads use -a after ametherm?s part # outside kinked leads use -b after ametherm?s part # resistance @ 25c 80.0 ? 25% max steady state current up to 65 c 2.0 a max recommended energy rating (joules) 45.0 j actual failure point of instantaneous energy (joules) 100.0 j resistance @ 100% of max current 0.830 ? resistance @ 50% of max current 1.400 ? body temperature @ 100% current rating 174 c dissipation constant 18mw/c thermal time constant 54 seconds material type ?m? max capacitance @ 120vac/240vac 3000 f/750 f on resistance @ 1.50 amp 0.948 ? d 15.0 0.5 mm t 5.0 0.2 mm lead diameter 0.8 0.1 mm s 7.8 0.30 mm l 38.0 1.50 mm straight leads standard b 7.50 0.70 mm c 3.60 0.40 mm coating run down on the straight leads 5.00 0.5 mm l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL1580002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X